PART |
Description |
Maker |
LPC4088FET208 LLPC4078FBD144 LPC4074FBD80 LPC4078F |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI 32-bit ARM Cortex-M4 MCU;
|
NXP Semiconductors
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
LPC1853JET256 LPC1857FET256 LPC1833JET256 LPC184X |
(LPC181x/2x/3x/4x/5x) 32-bit ARM Cortex-M3 MCU
|
NXP
|
LPC4076 |
(LPC407x / LPC408x) 32-bit ARM Cortex-M4 MCU
|
NXP Semiconductors
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
TFBGA100 LQFP144 LQFP208 TFBGA180 SOT926-1 LPC1830 |
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
|
NXP Semiconductors
|
STM32L051K6 STM32L051T6 STM32L051T8 STM32L051C6 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
|
STMicroelectronics
|
STM32L100RCT6TR |
Ultra-low-power 32-bit Value Line ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, LCD, USB
|
ST Microelectronics
|
STM32L073V8 |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
|
STMicroelectronics
|
STM32L041K4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
|
STMicroelectronics
|